Part Number Hot Search : 
SC8261G 01301 F535LR PS302 12011 PS302 2SB1604 3N60UF
Product Description
Full Text Search
 

To Download 11DQ03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 11DQ03 - 11DQ10
PRV : 30 - 100 Volts IO : 1.1 Ampere
FEATURES :
* * * * * * * * High current capability High surge current capability High reliability High efficiency Low power loss Low forward voltage drop Low cost Pb / RoHS Free
SCHOTTKY BARRIER RECTIFIER DIODES
DO - 41
0.107 (2.74) 0.080 (2.03)
1.00 (25.4) MIN.
0.205 (5.20) 0.160 (4.10)
MECHANICAL DATA :
* Case : DO-41 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.339 gram
0.034 (0.86) 0.028 (0.71)
1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
Rating at 25 C ambient temperature unless otherwise specifie. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Maximum Peak Forward Surge Current single half sine wave superimposed on rated load Maximum Forward Voltage at I F = 1 A, TJ = 25C at IF = 2 A, TJ = 25C Maximum Reverse Current at Rated DC Blocking Voltage Junction Temperature Range Storage Temperature Range T J = 25C T J = 125C
SYMBOL 11DQ03 11DQ04 11DQ05 11DQ06 11DQ09 11DQ10 UNIT
VRRM VRMS VDC IF(AV) TC IFSM 75 42 0.55 0.71 IR IR(H) TJ TSTG 1.0 6.0 30 21 30 40 28 40 50 35 50 1.1 84 26 0.58 0.76 1.0 11 - 40 to + 150 - 40 to + 150 75 42 0.85 0.96 0.5 1.0 mA C C 60 42 60 90 63 90 100 70 100 V V V A C A
VF
V
Page 1 of 2
Rev. 04 : October 10, 2005
RATING AND CHARACTERISTIC CURVES ( 11DQ03 - 11DQ10 )
FIG.1 - FORWARD CURRENT DERATING CURVE
1.2
FIG.2 - MAXIMUM FORWARD SURGE CURRENT
AVERAGE FORWARD CURRENT, AMPERES
11DQ03 - 11DQ04
0.8
11DQ05 - 11DQ06 11DQ09 - 11DQ10
PEAK FORWARD SURGE CURRENT, AMPERES
1.0
50
40 11DQ03 - 11DQ04 11DQ09 - 11DQ10 30
0.6 Square wave (D = 0.50) 80% Rated VR applied
0.4
20 11DQ05 - 11DQ06 10
0.2
0
0
25
50
75
100
125
150
175
0
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, (C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
20
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
10
FORWARD CURRENT, AMPERES
11DQ03 - 11DQ04 10 11DQ09 - 11DQ10
TJ = 100 C
REVERSE CURRENT, MILLIAMPERES
1.0
11DQ05 - 11DQ06 1.0
0.1
TJ = 25 C
TJ = 100 C 0.01 0 0.1 0.1 20 40 60 80 100 120 140
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
PERCENT OF RATED REVERSE VOLTAGE, (%)
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 04 : October 10, 2005


▲Up To Search▲   

 
Price & Availability of 11DQ03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X